PART |
Description |
Maker |
UTI760A UT1553BRTSGA UT1553BRTSGC UT1553BRTSGX 596 |
Remote terminal for stores: S. Class QML Q. Lead finish optional. UTI760A RTS Remote Terminal for Stores Remote terminal for stores. Lead finish solder. Remote terminal for stores. Lead finish gold. Remote terminal for stores. Lead finish optional.
|
ETC[ETC] Aeroflex Circuit Technology
|
RTM1760 MIL-STD-1553 RTS1760 |
Remote Terminal
|
List of Unclassifed Manufacturers ETC
|
MAX6661AEE MAX6661 |
Remote Temperature-Controlled Fan-Speed Regulator with SPI-Compatible Interface 远端温控的风扇转速调节器,带有SPI兼容接口 Remote Temperature-Controlled Fan-Speed
Regulator with SPI-Compatible Interface
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAR3690CC MAR3690CD MAR3690CE MAR3690CL MAR3690FC |
1553B Bus Controller/Remote Terminal
|
Dynex Semiconductor http://
|
EB2-3TNUL-L EB2-3TNUH-R EB2-3TNUH-L EB2-3TNUE EB2- |
Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-VQFN -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-SOIC -40 to 85 D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackscrew; Peak Reflow Compatible (260 C):No RoHS Compliant: No Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 20-TSSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-QFN -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-SOIC -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SOIC -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-TSSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-QFN -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-VQFN -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SSOP/QSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-SSOP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-SOIC -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-VQFN -40 to 85 Remote 8-Bit I2C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TVSOP -40 to 85 Remote 8-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers 16-SSOP/QSOP -40 to 85 Remote 8-Bit I/O Expander for I2C-Bus 16-PDIP -40 to 85 Remote 16-Bit I2C And SMBus I/O Expander With Interrupt Output And Configuration Registers 24-QFN -40 to 85 COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE 小型,重量轻表面安装 Remote 8-Bit I<sup>2</sup>C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-TSSOP -40 to 85 小型,重量轻表面安装 Remote 8-Bit I/O Expander for I2C-Bus 20-VQFN -40 to 85 小型,重量轻表面安装 16-BIT MPU 小型,重量轻表面安装 Remote 8-Bit I/O Expander for I2C-Bus 20-TVSOP -40 to 85 小型,重量轻表面安装 Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 小型,重量轻表面安装 A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:4; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes 小型,重量轻表面安装 Remote 8-Bit I<sup>2</sup>C and SMBus Low-Power I/O Expander with Reset and Configuration Registers 16-VQFN -40 to 85
|
NEC[NEC] NEC Corp. NEC, Corp. Actel, Corp.
|
G766 |
Remote Temperature Sensor with SMBus Serial Interface
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
UT1553BRTR-GXC 5962-8957601-XA 5962-8957601-XC 596 |
Remote terminal with RAM: S. Class QML Q. Lead finish optional.
|
Aeroflex Circuit Technology ETC[ETC]
|
1553BRT-EBR |
Core1553BRT-EBR Enhanced Bit Rate 1553 Remote Terminal
|
Actel Corporation
|
G788 |
1°C Remote and Local Temperature Sensor with SMBus Serial Interface
|
Global Mixed-mode Techn...
|
MAX1617MEE MAX1617 |
Remote/Local Temperature Sensor with SMBus Serial Interface
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1617A MAX1617AMEE |
Remote/Local Temperature Sensor with SMBus Serial Interface
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
G767 G767F |
Remote/Local Temperature Sensor with SMBus Serial Interface
|
GMT[Global Mixed-mode Technology Inc]
|